Part Number Hot Search : 
GR501 034N03L 02M0R 3PMT64A TPCS8101 GP2A18F UTR4405 ELM408
Product Description
Full Text Search
 

To Download 17-200181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB 2.0-IP67 Water Resis tant Connec t o r S y s t e m
USB 2.0 Patch cord
IP67 to IP20 - Type B
Description

Field attachable patch cord IP67 protected at one end and IP20 rated on the other end Plastic design with bayonet locking Metal design with M28 thread Special lengths on request
RoHS compliant
Product drawing
Plastic design (Bayonet locking)
IP67 protection
IP20 protection
Metal design (M28 thread)
IP67 protection
IP20 protection
Order data
Type
Patch cord Patch cord Patch cord Patch cord Patch cord Patch cord
Degree of protection
IP67-IP20 type B IP67-IP20 type B IP67-IP20 type B IP67-IP20 type B IP67-IP20 type B IP67-IP20 type B
Material
Black Black Black Metal Metal Metal Plastic Plastic Plastic Brass nickel plated Brass nickel plated Brass nickel plated
Cable
AWM2725 AWG 28 AWM2725 AWG 28 AWM2725 AWG 28 AWM2725 AWG 28 AWM2725 AWG 28 AWM2725 AWG 28 1p and AWG 24 1p and AWG 24 1p and AWG 24 1p and AWG 24 1p and AWG 24 1p and AWG 24 2c, black 2c, black 2c, black 2c, black 2c, black 2c, black
Length
2m 3m 4.5m 2m 3m 4.5m
Part Number
17-200181 17-200191 17-200211 17-200341 17-200351 17-200361
13| 11


▲Up To Search▲   

 
Price & Availability of 17-200181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X